Part Number Hot Search : 
1N5956B WR3386H XN01871 K700105 SMA3117 5N560K WR3386H LA8517M
Product Description
Full Text Search
 

To Download MUR1605FCT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MCC
Micro Commercial Components
MUR1605FCT
TM
omponents 20736 Marilla Street Chatsworth !"# $
% !"#
THRU MUR1660FCT
16 Amp
Super Fast
Features
* * * * Low power loss, high efficiency Low forward voltage, high current capability High surge capacity Super fast recovery times, high voltage Case Material: Molded Plastic. UL Flammability Classification Rating 94V-0
Recovery Rectifier 50 to 600 Volts
Maximum Ratings
* * Operating Junction Temperature: -55C to +150C Storage Temperature: -55C to +150C MCC Catalog Number Device Marking Maximum Recurrent Peak Reverse Voltage 50V 100V 150V 200V 300V 400V 600V Maximum RMS Voltage Maximum DC Blocking Voltage 50V 100V 150V 200V 300V 400V 600V
ITO-220AB
B C K
PIN 1 2 3
L M D A
MUR1605FCT MUR1610FCT MUR1615FCT MUR1620FCT MUR1630FCT MUR1640FCT MUR1660FCT
MUR1605FCT MUR1610FCT MUR1615FCT MUR1620FCT MUR1630FCT MUR1640FCT MUR1660FCT
35V 70V 105V 140V 210V 280V 420V
E F O I J N G
HH PIN 1 PIN 3
Electrical Characteristics @ 25C Unless Otherwise Specified
Average Forward Current Peak Forward Surge Current Maximum Instantaneous Forward Voltage 1605FCT-1620FCT 1630FCT-1640FCT 1660FCT Maximum DC Reverse Current At Rated DC Blocking Voltage Maximum Reverse Recovery Time 1605FCT-1620FCT 1630FCT-1660FCT IF(AV) IFSM 16A 125A TC = 90C 8.3ms, half sine
A B C D E F G H I J K L M N O
PIN 2
MM 14.80 --2.55 6.30 ----13.00 2.55 ----3.00 ----2.50 --0.90 0.80 3.40 4.80 3.30 2.90 1.40 15.40 10.30 2.85 6.90 4.10 1.80 13.80
VF
.95V 1.30V 1.70V
TJ = 25C IFM = 8A;
IR
10uA 500uA
Ta = 25C Ta = 150C
INCHES .583 .606 --.406 .100 .112 .248 .272 --.161 --.071 .512 .543 .100 --.035 --.032 .118 .134 --.189 --.130 .098 .114 --.055
Trr
35ns 50ns
IF=0.5A, IR=1.0A, Irr=0.25A
Revision: 4
www.mccsemi.com
1 of 3
2004/02/25
MUR1605FCT thru MUR1660FCT
Figure 1 Typical Forward Characteristics 40 1000
MCC
TM
Figure 2 Micro Commercial Components Typical Reverse Characteristics
MUR1605FCT-1620FCT
Tc = 100C
20
MUR1630FCT-1640FCT
10 8 6 4 uAmp Amps 2 100
Tc = 75C
MUR1660FCT
10
1.0 0.8 0.6 0.4 1.0
Tc = 25C
0.2
0.1 0.6
0.1 0.8 1.0 1.2 1.4 1.6 1.8 2.0 0 20 40 60 80 100 120 140 Volts
Volts Instantaneous Forward Current - Amperesversus Instantaneous Forward Voltage - Volts Figure 3 Forward Derating Curve 24
Instantaneous Reverse Leakage Current - MicroAmperes versus Percent Of Rated Peak Reverse Voltage - Volts Figure 4 Maximum Non-Repetive Forward Surage Current 135 120 105
20
16
90 75 Amps 60 45
12 Amps 8
4
Single Phase, Half Wave 60Hz Resistive or Inductive Load 25 50 75 C v AveragAverage Forward Rectified Current - Amperes ersus Case Temperature -C 100 125 150
30 15
0
0
1
10 50 20 100 Cycle Peak Forward Surge Current - Amperesversus Number Of Cycles At 60Hz - Cycles 2 5
Revision: 4
www.mccsemi.com
2 of 3
2004/02/25
MCC
TM
Micro Commercial Components
***IMPORTANT NOTICE*** Micro Commercial Components Corp . reserves the right to make changes without further notice to any product herein to make corrections, modifications , enhancements , improvements , or other changes . Micro Commercial Components Corp . does not assume any liability arising out of the application or use of any product described herein; neither does it convey any license under its patent rights ,nor the rights of others . The user of products in such applications shall assume all risks of such use and will agree to hold Micro Commercial Components Corp . and all the companies whose products are represented on our website, harmless against all damages. ***APPLICATIONS DISCLAIMER*** Products offer by Micro Commercial Components Corp . are not intended for use in Medical, Aerospace or Military Applications.
www.mccsemi.com
Revision: 2
3 of 3
2006/11/16


▲Up To Search▲   

 
Price & Availability of MUR1605FCT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X